Part Number Hot Search : 
IRLML HER103G 74AC10P0 NTE37 HVD138 TA7733 74HC2G86 T725608
Product Description
Full Text Search
 

To Download 3425L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Resettable PTCs
Surface Mount PTC
3425L Series
(R)
(R)
* The 3425L Series Resettable devices utilize a unique polymer-based, Positive Temperature Coefficient (PTC) material to protect electrical circuits against overcurrent conditions. * In normal operation, the 3425L Series PTC has many conductive paths and a very low resistance. In an overcurrent condition, the temperature of the polymer material rises. This dramatically reduces the conductive paths resulting in an immediate rise in resistance. In this condition, the device provides circuit protection by significantly limiting the flow of current. However, once the cause of the initial overcurrent condition is eliminated, the 3425L Series PTC cools down and resets to a low resistance value permitting the normal current flow to resume. * The 3425L Series are surface mountable.
ENVIRONMENTAL SPECIFICATIONS: Passive Aging: 85C, 1000 Hours. Humidity Aging: 85C, 85% R.H., 100 hours. Thermal Shock: 85C / -40C, 20 times.
125C / -55C, 10 times.
Vibration: MIL-STD 202, Method 201. No resistance change. Mechanical Shock: MIL-STD-202, Method 213 test condition I
(100 g's, 6 sec.).
Operating/Storage Temperature: -40C to 85C Devices should
remain in sealed bags prior to use.
AGENCY APPROVALS: Recognized under the Components Program
of Underwriters Laboratory and the Component Acceptance Program of CSA. TUV approved.
Rerating Curve for 3425L Series
160 150 140 130 120 110 100 90 80 70 60 50 40 30 20 10 0 -40 -30 -20 -10 0 10 20 30 Temperature (C) 40 50 60 70 80 85
AGENCY FILE NUMBERS: UL E183209, CSA LR 108832 PHYSICAL SPECIFICATIONS: Materials: Terminal Material: Tin Plated Brass to MIL-T-10727B Solderability: Meets EIA specification RS186-9E and IPC/EIA J-STD-002, and IPC/EIA J-STD-001. Device Labeling: Device is marked with the letter `L', amperage rating and date code. Packaging: Packaged in tape and reel carrier per EIA 481-2 standard Standard reel quantities: Part Number
3425L Series
Percentage of Rated Current
Reel Quantity
1500
Packaging Suffix
DR
250
w w w. l i t t e l f u s e . c o m
Resettable PTCs
Surface Mount PTC
3425L Series
Dimensions (Inches)
B D A
100
MARKING
E F
3.05 (.120) 0.635 (.025) 0.635 (.025) C
0.51-0.89 (.020-.035)
10
Series 3425L
A 6.70 max (.264 max.)
B 9.50 max (.374 max.)
C D E F 3.68 4.572 2.29 10.67 (.145) (.180) (.090) (.420)
TIME IN SECONDS
1
RECOMMENDED REFLOW CONDITIONS:
(IR, Forced Air Convection, Vapor Phase) Devices are not designed to be wave soldered.
1.50A 2.00A 2.50A 3.00A
Recommended Pad Layout (Inches) All dimensions are nominal.
Average Time Current Curves
6
RESETTABLE PTCs
0.1
0.01 0.1 1 10 CURRENT IN AMPERES 100
ORDERING INFORMATION:
Maximum Time To Trip Catalog Number Ihold (A) Itrip (A) Vmax (Vdc) Imax (A) Pd max. (W) Current (A) Time (Sec) RIL () Resistance RAT ()
3425L150 3425L200 3425L250 3425L300
Ihold Itrip Vmax Imax Pd RIL RAT = = = = = = =
1.50 2.00 2.50 3.00
3.0 4.0 5.0 6.0
15 15 15 6
40 40 40 40
1.9 1.9 1.9 1.9
8.0 8.0 8.0 8.0
5.0 12.0 25.0 32.0
0.060 0.050 0.035 0.020
0.25 0.15 0.10 0.06
Hold Current: maximum current device will sustain for 4 hours without tripping in 20C still air. Trip Current: minimum current at which the device will trip in 20C still air. Maximum voltage device can withstand without damage at rated current (Imax) Maximum fault current device can withstand without damage at rated voltage (Vmax) Power dissipated from device when in the tripped state at 20C still air. Minimum resistance of device in initial (un-soldered) state. Maximum measured resistance in the non-tripped state 1 hour after reflow with reflow conditions of 260C for 20 sec.
CAUTION: Operation beyond the specified ratings may result in damage and possible arcing and flame.
w w w. l i t t e l f u s e . c o m
251


▲Up To Search▲   

 
Price & Availability of 3425L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X